Part Number Hot Search : 
03C22 50001 TPS65 RD27MW SMC12 CONTROLS CP60140 092316
Product Description
Full Text Search
 

To Download NTE1316 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1316 Integrated Circuit Module, Dual, AF PO, 50W
Features: D Muting Circuit D Reduced Heat Sink due to Case Temperature Dissipation up to +125C Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCCmax . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52.5V Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150C Substrate Temperature, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +125C Thermal Resistance, Junction-to-Case, TthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8C/W Turn-on Time, ts (VCC = 35V, RL = 8, f = 50Hz, PO = 50W) . . . . . . . . . . . . . . . . . . . . . . . . . . 2sec Recommended Operating Conditions: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V Load Resistance, RL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Electrical Characteristics: (TA = +25C, VCC = 35V, RL = 8, Rg = 600, VG = 40dB unless otherwise specified)
Parameter Idle Current Power Out Symbol ICCO PO(1) PO(2) Total Harmonic Distortion Breakpoints Source Impedance Input Noise Voltage Transient Noise Voltage Muting Voltage THD fL, fH ri VNO VN VM VCC = 42V THD = 0.4%, f = 20Hz 20kHz VCC = 31V, THD = 1.0%, RL = 4, f = 1kHz PO = 1.0W, f = 1kHz PO = 1.0W, -3dB PO = 1.0W, f = 1kHz VCC = 42V, Rg = 10k VCC = 42V - - -70 -2 Test Conditions Min 20 50 55 - Typ 40 - - - 20 to 50k 55 - 0 -5 - 1.2 70 -10 Max 100 - - 0.3 Unit mA W W % Hz k mVrms mV V
Pin Connection Diagram
18 Rt Ch Input (-) 17 Rt Ch Input (+) 16 GND 15 Compensation 14 (-) VCC 13 Rt Ch Output 12 Bypass 11 (+) VCC 10 Lt Ch Output 9 (-) VCC 8 7 6 5 4 3 2 1 Compensation Compensation Muting Compensation Compensation Compensation Lt Ch Input (+) Lt Ch Input (-)
3.070 (78.0) 2.760 (70.0) .345 (8.76)
1.732 (44.0)
.846 (21.5)
.141 (3/6) Dia 2 Holes
.354 (9.0) .100 (2.54) 1.700 (43.18)


▲Up To Search▲   

 
Price & Availability of NTE1316

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X